Part Number Hot Search : 
72006 P6KE2 AD110 PFRA300 I2004RU EC110 SP65001 PG5402
Product Description
Full Text Search
 

To Download 1N6779 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6778, JANTX1N6778, JANTXV1N6778 1N6779, JANTX1N6779, JANTXV1N6779
JANTX, JANTXV POWER RECTIFIER, SINGLE TO-257AA PACKAGE, QUALIFIED TO MIL-PRF-
400V & 600V, 15A, Ultra-Fast Power Rectifiers in TO-257AA Hermetic 2 Pin Package
FEATURES
* * * * * High Current Isolated and Hermetically Sealed Low Forward Voltage Ultra-Fast Qualified to MIL-PRF-19500/647
DESCRIPTION
This hermetically packaged QPL product features the latest advanced silicon and packaging technology. I i i e l y s i e f r M l t r l w v l a e r c i i r t s dal utd o iiay o otg etfe requirements where small size, high performance and high reliability are required, and in applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.
S C H E M ATIC
MECHANICAL OUTLINE
.420 .410 .200 .190 .045 .035
1
.150 .140 .665 .645 .537 .527 .430 .410
1
2
2
.750 .500
.038 MAX.
.005
.045 .035
.200 TYP.
.120 TYP.
1 = Cathode 2 = Anode
TO-257AA 2-Pin
9 03 R0
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246 Visit Our Web Site at www.omnirel.com


▲Up To Search▲   

 
Price & Availability of 1N6779

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X